|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
PD - 95332A AUTOMOTIVE MOSFET Features l l l l l l Advanced Process Technology Ultra Low On-Resistance 175C Operating Temperature Fast Switching Repetitive Avalanche Allowed up to Tjmax Lead-Free HEXFET(R) Power MOSFET D IRF2804PbF IRF2804SPbF IRF2804LPbF VDSS = 40V RDS(on) = 2.0m G S Description Specifically designed for Automotive applications, this HEXFET(R) Power MOSFET utilizes the latest processing techniques to achieve extremely low on-resistance per silicon area. Additional features of this design are a 175C junction operating temperature, fast switching speed and improved repetitive avalanche rating . These features combine to make this design an extremely efficient and reliable device for use in Automotive applications and a wide variety of other applications. ID = 75A TO-220AB IRF2804PbF D2Pak IRF2804SPbF TO-262 IRF2804LPbF Absolute Maximum Ratings Parameter ID @ TC = 25C ID @ TC = 100C ID @ TC = 25C IDM PD @TC = 25C VGS EAS EAS (tested) IAR EAR TJ TSTG Continuous Drain Current, VGS @ 10V (Silicon Limited) Continuous Drain Current, VGS @ 10V (See Fig. 9) Continuous Drain Current, VGS @ 10V (Package Limited) Pulsed Drain Current Maximum Power Dissipation Linear Derating Factor Gate-to-Source Voltage Single Pulse Avalanche Energy (Thermally Limited) Single Pulse Avalanche Energy Tested Value Avalanche Current Max. 270 190 75 1080 300 2.0 20 540 1160 See Fig.12a,12b,15,16 -55 to + 175 300 (1.6mm from case ) 10 lbf*in (1.1N*m) Units A c W W/C V mJ A mJ C c i d Repetitive Avalanche Energy Operating Junction and Storage Temperature Range h Soldering Temperature, for 10 seconds Thermal Resistance RJC RCS RJA RJA Mounting torque, 6-32 or M3 screw Parameter Junction-to-Case Case-to-Sink, Flat, Greased Surface Junction-to-Ambient Junction-to-Ambient (PCB Mount, steady state)j Typ. --- 0.50 --- --- Max. 0.50l --- 62 40 Units C/W HEXFET(R) is a registered trademark of International Rectifier. www.irf.com 1 08/25/05 IRF2804/S/LPbF Static @ TJ = 25C (unless otherwise specified) Parameter V(BR)DSS VDSS/TJ RDS(on) SMD RDS(on) TO-220 VGS(th) gfs IDSS IGSS Qg Qgs Qgd td(on) tr td(off) tf LD LS Ciss Coss Crss Coss Coss Coss eff. Drain-to-Source Breakdown Voltage Breakdown Voltage Temp. Coefficient Static Drain-to-Source On-Resistance Static Drain-to-Source On-Resistance Gate Threshold Voltage Forward Transconductance Drain-to-Source Leakage Current Gate-to-Source Forward Leakage Gate-to-Source Reverse Leakage Total Gate Charge Gate-to-Source Charge Gate-to-Drain ("Miller") Charge Turn-On Delay Time Rise Time Turn-Off Delay Time Fall Time Internal Drain Inductance Internal Source Inductance Input Capacitance Output Capacitance Reverse Transfer Capacitance Output Capacitance Output Capacitance Effective Output Capacitance Min. Typ. Max. Units 40 --- --- --- 2.0 130 --- --- --- --- --- --- --- --- --- --- --- --- --- --- --- --- --- --- --- --- 0.031 1.5 1.8 --- --- --- --- --- --- 160 41 66 13 120 130 130 4.5 7.5 6450 1690 840 5350 1520 2210 --- --- 2.0 2.3 4.0 --- 20 250 200 -200 240 62 99 --- --- --- --- --- --- --- --- --- --- --- --- pF Conditions V VGS = 0V, ID = 250A V/C Reference to 25C, ID = 1mA m VGS = 10V, ID = 75A VGS = 10V, ID = 75A V VDS = VGS, ID = 250A S VDS = 10V, ID = 75A A VDS = 40V, VGS = 0V VDS = 40V, VGS = 0V, TJ = 125C nA VGS = 20V VGS = -20V nC ID = 75A VDS = 32V VGS = 10V ns VDD = 20V ID = 75A RG = 2.5 VGS = 10V D nH Between lead, f f f f 6mm (0.25in.) from package G Diode Characteristics Parameter IS ISM VSD trr Qrr ton Continuous Source Current (Body Diode) Pulsed Source Current (Body Diode)A Diode Forward Voltage Reverse Recovery Time Reverse Recovery Charge Forward Turn-On Time S and center of die contact VGS = 0V VDS = 25V = 1.0MHz, See Fig. 5 VGS = 0V, VDS = 1.0V, = 1.0MHz VGS = 0V, VDS = 32V, = 1.0MHz VGS = 0V, VDS = 0V to 32V Min. Typ. Max. Units --- --- --- --- --- --- --- --- 56 67 270 A 1080 1.3 84 100 V ns nC Conditions MOSFET symbol showing the integral reverse G D p-n junction diode. TJ = 25C, IS = 75A, VGS = 0V TJ = 25C, IF = 75A, VDD = 20V di/dt = 100A/s Intrinsic turn-on time is negligible (turn-on is dominated by LS+LD) f f S Notes: Repetitive rating; pulse width limited by max. junction temperature. (See fig. 11). Limited by TJmax, starting TJ = 25C, L=0.24mH, RG = 25, IAS = 75A, VGS =10V. Part not recommended for use above this value. ISD 75A, di/dt 220A/s, VDD V(BR)DSS, TJ 175C. Pulse width 1.0ms; duty cycle 2%. Coss eff. is a fixed capacitance that gives the same charging time as Coss while VDS is rising from 0 to 80% VDSS. Limited by T Jmax , see Fig.12a, 12b, 15, 16 for typical repetitive avalanche performance. This value determined from sample failure population. 100% tested to this value in production. This is applied to D 2Pak, when mounted on 1" square PCB ( FR-4 or G-10 Material ). For recommended footprint and soldering techniques refer to application note #AN-994. Max R DS(on) for D2Pak and TO-262 (SMD) devices. TO-220 device will have an Rth value of 0.45C/W. 2 www.irf.com IRF2804/S/LPbF 10000 ID, Drain-to-Source Current (A) 1000 ID, Drain-to-Source Current (A) VGS 15V 10V 8.0V 7.0V 6.0V 5.5V 5.0V BOTTOM 4.5V TOP 10000 TOP TOP 1000 15V 15V 10V 10V 8.0V 8.0V 7.0V 7.0V 6.0V 6.0V 5.5V 5.5V 5.0V BOTTOM 5.0V 4.5V BOTTOM 4.5V VGS VGS 100 100 10 4.5V 20s PULSE WIDTH Tj = 25C 4.5V 20s PULSE WIDTH Tj = 175C 0.1 1 10 100 1 0.1 1 10 10 100 VDS, Drain-to-Source Voltage (V) VDS, Drain-to-Source Voltage (V) Fig 1. Typical Output Characteristics Fig 2. Typical Output Characteristics 1000 300 G fs , Forward Transconductance ( S) ID, Drain-to-Source Current () 250 T J = 175C 100 T J = 25C 200 150 T J = 25C 10 T J = 175C 100 1 4.0 5.0 6.0 VDS = 10V 20s PULSE WIDTH 7.0 8.0 9.0 50 0 0 40 80 VDS = 10V 20s PULSE WIDTH 120 160 200 VGS, Gate-to-Source Voltage (V) ID, Drain-to-Source Current (A) Fig 3. Typical Transfer Characteristics Fig 4. Typical Forward Transconductance vs. Drain Current www.irf.com 3 IRF2804/S/LPbF 20 12000 10000 VGS , Gate-to-Source Voltage (V) VGS = 0V, f = 1 MHZ Ciss = C + C , Cds SHORTED gs gd Crss = C gd Coss = Cds + C gd ID= 75A VDS= 32V VDS= 20V VDS= 8.0V 16 C, Capacitance (pF) 8000 12 6000 Ciss 8 4000 4 2000 Coss Crss 0 1 10 100 0 0 40 80 120 160 200 240 Q G Total Gate Charge (nC) VDS, Drain-to-Source Voltage (V) Fig 5. Typical Capacitance vs. Drain-to-Source Voltage Fig 6. Typical Gate Charge vs. Gate-to-Source Voltage 1000.0 10000 OPERATION IN THIS AREA LIMITED BY R DS(on) 1000 100sec 100.0 T J = 175C ID, Drain-to-Source Current (A) ISD, Reverse Drain Current (A) 10.0 100 1msec 10msec 1.0 T J = 25C 0.1 0.2 0.6 1.0 1.4 VGS = 0V 1.8 2.2 10 Tc = 25C Tj = 175C Single Pulse 1 0 1 10 100 VDS, Drain-to-Source Voltage (V) VSD, Source-toDrain Voltage (V) Fig 7. Typical Source-Drain Diode Forward Voltage Fig 8. Maximum Safe Operating Area 4 www.irf.com IRF2804/S/LPbF 300 250 ID, Drain Current (A) 2.0 Limited By Package RDS(on) , Drain-to-Source On Resistance ID = 75A VGS = 10V 200 150 100 50 0 25 50 75 100 125 150 175 T C , Case Temperature (C) 1.5 (Normalized) 1.0 0.5 -60 -40 -20 0 20 40 60 80 100 120 140 160 180 TJ , Junction Temperature (C) Fig 9. Maximum Drain Current vs. Case Temperature Fig 10. Normalized On-Resistance vs. Temperature 1 D = 0.50 Thermal Response ( Z thJC ) 0.1 0.20 0.10 0.05 0.01 0.02 0.01 0.001 SINGLE PULSE ( THERMAL RESPONSE ) Notes: 1. Duty Factor D = t1/t2 2. Peak Tj = P dm x Zthjc + Tc 0.0001 0.001 0.01 0.1 1 0.0001 1E-008 1E-007 1E-006 1E-005 t1 , Rectangular Pulse Duration (sec) Fig 11. Maximum Effective Transient Thermal Impedance, Junction-to-Case www.irf.com 5 IRF2804/S/LPbF 15V 1200 EAS , Single Pulse Avalanche Energy (mJ) VDS L DRIVER 1000 800 600 400 200 0 25 50 75 100 ID 31A 53A BOTTOM 75A TOP RG VGS 20V D.U.T IAS tp + V - DD A 0.01 Fig 12a. Unclamped Inductive Test Circuit V(BR)DSS tp 125 150 175 Starting T J , Junction Temperature (C) I AS Fig 12b. Unclamped Inductive Waveforms QG Fig 12c. Maximum Avalanche Energy vs. Drain Current 10 V QGS VG QGD 4.0 VGS(th) Gate threshold Voltage (V) Charge 3.0 ID = 250A Fig 13a. Basic Gate Charge Waveform Current Regulator Same Type as D.U.T. 2.0 50K 12V .2F .3F D.U.T. VGS 3mA + V - DS 1.0 -75 -50 -25 0 25 50 75 100 125 150 175 T J , Temperature ( C ) IG ID Current Sampling Resistors Fig 13b. Gate Charge Test Circuit Fig 14. Threshold Voltage vs. Temperature 6 www.irf.com IRF2804/S/LPbF 1000 Duty Cycle = Single Pulse Avalanche Current (A) 100 0.01 0.05 0.10 Allowed avalanche Current vs avalanche pulsewidth, tav assuming Tj = 25C due to avalanche losses 10 1 1.0E-06 1.0E-05 1.0E-04 1.0E-03 1.0E-02 1.0E-01 tav (sec) Fig 15. Typical Avalanche Current Vs.Pulsewidth 600 500 400 300 200 100 0 25 50 EAR , Avalanche Energy (mJ) TOP Single Pulse BOTTOM 10% Duty Cycle ID = 75A 75 100 125 150 175 Starting T J , Junction Temperature (C) Notes on Repetitive Avalanche Curves , Figures 15, 16: (For further info, see AN-1005 at www.irf.com) 1. Avalanche failures assumption: Purely a thermal phenomenon and failure occurs at a temperature far in excess of T jmax. This is validated for every part type. 2. Safe operation in Avalanche is allowed as long asT jmax is not exceeded. 3. Equation below based on circuit and waveforms shown in Figures 12a, 12b. 4. PD (ave) = Average power dissipation per single avalanche pulse. 5. BV = Rated breakdown voltage (1.3 factor accounts for voltage increase during avalanche). 6. Iav = Allowable avalanche current. 7. T = Allowable rise in junction temperature, not to exceed Tjmax (assumed as 25C in Figure 15, 16). tav = Average time in avalanche. D = Duty cycle in avalanche = tav *f ZthJC(D, tav ) = Transient thermal resistance, see figure 11) PD (ave) = 1/2 ( 1.3*BV*Iav) = DT/ ZthJC Iav = 2DT/ [1.3*BV*Zth] EAS (AR) = PD (ave)*tav Fig 16. Maximum Avalanche Energy vs. Temperature www.irf.com 7 IRF2804/S/LPbF D.U.T Driver Gate Drive + P.W. Period D= P.W. Period VGS=10V + Circuit Layout Considerations * Low Stray Inductance * Ground Plane * Low Leakage Inductance Current Transformer * D.U.T. ISD Waveform Reverse Recovery Current Body Diode Forward Current di/dt D.U.T. VDS Waveform Diode Recovery dv/dt - - + RG * dv/dt controlled by RG * Driver same type as D.U.T. * I SD controlled by Duty Factor "D" * D.U.T. - Device Under Test V DD VDD + - Re-Applied Voltage Inductor Curent Body Diode Forward Drop Ripple 5% ISD * VGS = 5V for Logic Level Devices Fig 17. Peak Diode Recovery dv/dt Test Circuit for N-Channel HEXFET(R) Power MOSFETs V DS V GS RG 10V Pulse Width 1 s Duty Factor 0.1 % RD D.U.T. + -V DD Fig 18a. Switching Time Test Circuit VDS 90% 10% VGS td(on) tr t d(off) tf Fig 18b. Switching Time Waveforms 8 www.irf.com IRF2804/S/LPbF TO-220AB Package Outline Dimensions are shown in millimeters (inches) TO-220AB Part Marking Information @Y6HQG@) UCDTADTA6IADSA A GPUA8P9@A &'( 6TT@H7G@9APIAXXA (A! DIAUC@A6TT@H7GAGDI@AA8A Ir)AAQAAvAhriyAyvrAvv vqvphrAAGrhqAAArrA DIU@SI6UDPI6G S@8UDAD@S GPBP 6TT@H7G GPUA8P9@ Q6SUAIVH7@S 96U@A8P9@ @6SAA2A! X@@FA ( GDI@A8 www.irf.com 9 IRF2804/S/LPbF D2Pak Package Outline Dimensions are shown in millimeters (inches) D2Pak Part Marking Information UCDTADTA6IADSA$"TAXDUC GPUA8P9@A'!# 6TT@H7G@9APIAXXA!A! DIAUC@A6TT@H7GAGDI@AAGA DIU@SI6UDPI6G S@8UDAD@S GPBP 6TT@H7G GPUA8P9@ Q6SUAIVH7@S A$"T 96U@A8P9@ @6SAA2A! X@@FA! GDI@AG 25 DIU@SI6UDPI6G S@8UDAD@S GPBP 6TT@H7G GPUA8P9@ A$"T Q6SUAIVH7@S 96U@A8P9@ QA2A9@TDBI6U@TAG@69AAAS@@ QSP9V8UAPQUDPI6G @6SAA2A! X@@FA! 6A2A6TT@H7GATDU@A8P9@ 10 www.irf.com IRF2804/S/LPbF TO-262 Package Outline Dimensions are shown in millimeters (inches) TO-262 Part Marking Information @Y6HQG@) UCDTADTA6IADSG" "G GPUA8P9@A &'( 6TT@H7G@9APIAXXA (A ((& DIAUC@A6TT@H7GAGDI@AA8A Ir)AAQAAvAhriyAyvr vvAvqvphrAAGrhqArrA DIU@SI6UDPI6G S@8UDAD@S GPBP 6TT@H7G GPUA8P9@ Q6SUAIVH7@S 96U@A8P9@ @6SA&A2A ((& X@@FA ( GDI@A8 OR DIU@SI6UDPI6G S@8UDAD@S GPBP 6TT@H7G GPUA8P9@ Q6SUAIVH7@S 96U@A8P9@ QA2A9@TDBI6U@TAG@69AS@@ QSP9V8UAPQUDPI6G @6SA&A2A ((& X@@FA ( 6A2A6TT@H7GATDU@A8P9@ www.irf.com 11 IRF2804/S/LPbF D2Pak Tape & Reel Information Dimensions are shown in millimeters (inches) TRR 1.60 (.063) 1.50 (.059) 4.10 (.161) 3.90 (.153) 1.60 (.063) 1.50 (.059) 0.368 (.0145) 0.342 (.0135) FEED DIRECTION 1.85 (.073) 1.65 (.065) 11.60 (.457) 11.40 (.449) 15.42 (.609) 15.22 (.601) 24.30 (.957) 23.90 (.941) TRL 10.90 (.429) 10.70 (.421) 1.75 (.069) 1.25 (.049) 16.10 (.634) 15.90 (.626) 4.72 (.136) 4.52 (.178) FEED DIRECTION 13.50 (.532) 12.80 (.504) 27.40 (1.079) 23.90 (.941) 4 330.00 (14.173) MAX. 60.00 (2.362) MIN. NOTES : 1. COMFORMS TO EIA-418. 2. CONTROLLING DIMENSION: MILLIMETER. 3. DIMENSION MEASURED @ HUB. 4. INCLUDES FLANGE DISTORTION @ OUTER EDGE. 30.40 (1.197) MAX. 26.40 (1.039) 24.40 (.961) 3 4 TO-220AB package is not recommended for Surface Mount Application. Data and specifications subject to change without notice. This product has been designed and qualified for the Automotive [Q101] market. Qualification Standards can be found on IR's Web site. IR WORLD HEADQUARTERS: 233 Kansas St., El Segundo, California 90245, USA Tel: (310) 252-7105 TAC Fax: (310) 252-7903 Visit us at www.irf.com for sales contact information. 08/05 12 www.irf.com |
Price & Availability of IRF2084PBF |